Part Number Hot Search : 
MAX778C AD8385 AD8385 2SD1117 C3502 M18GXYPQ 2SC4043S 2415S
Product Description
Full Text Search
 

To Download MIMD10A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30381 rev. 8 - 2 1 of 4 www.diodes.com mimd10a ? diodes incorporated mimd10a mimd10a dual pre-biased transist ors for power management features new pp rodrod uc t t uc ? epitaxial planar die construction ? built-in biasing resistors ? one 500ma pnp and one 100ma npn ? lead free/rohs compliant (note 1) ? "green" device (note 3 and 4) mechanical data ? case: sot-363 ? case material - molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020a ? terminals: finish - solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? marking code: c73 see page 4 ? ordering & date code: see page 4 ? terminal connections: see diagram ? weight: 0.015 grams (approximate) p/n r1 r2 mimd10a tr1 tr2 0.1k 10k 10k - sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dime sions in mm n a m j l d maximum ratings pnp section tr1 @t a = 25c unless otherwise specified characteristic symbol value unit supply voltage v cc -50 v input voltage v in -5 to +5 v output current i o -500 ma maximum ratings npn section tr2 @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c 100 ma maximum ratings - total @t a = 25c unless otherwise specified characteristic symbol value unit power dissipation (note 2) p d 200 mw operating and storage temperature range t j , t stg -55 to +150 c notes: 1. no purposefully added lead. 2. mounted on fr4 pc board with recommended pad layout at http://www.diodes .com/datasheets/ap02001.pdf. 3. diodes inc.'s "green" policy can be found on our webs ite at http://www.diodes.com /products/lead_free/index.php. 4. product manufactured with date code uo (week 40, 2007) and newer are built with green molding compound. product manufacture d prior to date code uo are built with n on-green molding compound and may contain halogens or sb2o3 fire retardants. schematic diagram r 1 r 1 r 2 t r2 t r1 b c h k e 1 c 2 b 1 c 1 e 2 b 2 f
ds30381 rev. 8 - 2 2 of 4 www.diodes.com mimd10a ? diodes incorporated new product electrical characteristi cs pnp section tr1 @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition v l(off) -0.3 ? ? v cc = -5v, i o = -100 a input voltage v l(on) ? ? -1.5 v v o = 0.3, i o = -100ma output voltage v o(on) ? -0.1 -0.3 v i o = -100ma/-5ma input current i l ? ? -25 ma v i = -2v output current i o(off) ? ? -0.5 a v cc = -50v, v i = 0v dc current gain g l 68 ? ? ? ? gain-bandwidth product* f t ? 200 ? mhz v ce = -10v, i e = -50ma, f = 100mhz * transistor - for reference only electrical characteristics npn section tr2 @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 a collector-emitter breakdown voltage bv ceo 50 ? ? v i c = 1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = 50 a collector cutoff current i cbo ? ? 0.5 a v cb = 50v emitter cutoff current i ebo ? ? 0.5 a v eb = 4v collector-emitter saturation voltage v ce(sat) ? ? 0.3 v i c /i b = 10ma / 1.0ma dc current transfer ratio h fe 100 250 600 ? i c = 1ma, v ce = 5v gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only
ds30381 rev. 8 - 2 3 of 4 www.diodes.com mimd10a ? diodes incorporated typical curves ? tr2 -50 050100 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 derating curve a 150 p , p o we r dissi p a t i o n (milliwa t t s) (total package) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, maxim u m c o lle c t o r v o l t a g e (v) ce(sat) i , collector current (ma) fig. 2 v vs. i c ce(sat) c i/i = 10 cb -25 c 75 c 25 c 10 1,000 100 1 11 0 h, d new product 1 0 0 c c u r r en t g ain (n o r malized) fe i , collector current (ma) fig. 3 dc current gain c 0 1 2 3 4 0 20 30 c , c a p a c i t a n c e (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 i = 0ma e 0.01 0.1 1 10 100 0 1 234 89 10 i, c o lle c t o r c u r r e n t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in 567 75c 0.001 0.1 1 10 010203040 i , collector current (ma) fig. 6 input voltage vs. collector current c 50 v = 0.2 o v , input voltage (v) in
ds30381 rev. 8 - 2 4 of 4 www.diodes.com mimd10a ? diodes incorporated ordering information (note 5) device packaging shipping mimd10a-7-f sot-363 3000/tape & reel notes: 5. for packaging details, go to our website at http://www.di odes.com/datasheets/ap02007.pdf. new product marking information c73 c73 = product type marking code ym = date code marking y = year ex: p = 2003 m = month ex: 9 = september date code key year 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of MIMD10A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X